Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK58512TM-70LL Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXK58512TM-70LL
Descripción Electrónicos  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK58512TM-70LL Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK58512TM-70LL Datasheet HTML 4Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 5Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 6Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 7Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 8Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 9Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 10Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 11Page - Sony Corporation CXK58512TM-70LL Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
– 9 –
CXK58512TM/M
0 to +70°C
0 to +40°C
+25°C
VCC = 2.0 to 5.5V∗
Chip disable to data retention mode
Data retention voltage
Data retention setup time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
2.0
0
5
0.2
0.4
5.5
6
1.2
0.6
10
V
µA
µA
ns
ms
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Retention Characteristics
(Ta = 0 to +70°C)
∗ CE1 ≥ Vcc – 0.2V, CE2 ≥ Vcc – 0.2V (CE1 control) or CE2 ≤ 0.2V (CE2 control)
Data retention current
VCC = 3.0V∗
Data retention waveform
• Low supply voltage data retention waveform (1) (CE1 control)
VCC
4.5V
2.2V
VDR
CE1
GND
tCDRS
Data retention mode
CE1
VCC| 0.2V
• Low supply voltage data retention waveform (2) (CE2 control)
tR
Data retention mode
tR
tCDRS
CE2
0.2V
VCC
4.5V
0.4V
CE2
GND
VDR


Número de pieza similar - CXK58512TM-70LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Descripción similar - CXK58512TM-70LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com