Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK5B81020J-12 Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXK5B81020J-12
Descripción Electrónicos  131072-word8-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B81020J-12 Datasheet(HTML) 7 Page - Sony Corporation

  CXK5B81020J-12 Datasheet HTML 1Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 2Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 3Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 4Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 5Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 6Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 7Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 8Page - Sony Corporation CXK5B81020J-12 Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
– 7 –
CXK5B81020J/TM
Example of Representative Characteristics
tCO
Supply current vs. Frequency
75
100
25
50
1.0
0.75
0.5
0.25
0
Supply current vs. Supply voltage
VCC — Supply voltage [V]
3.45
3.6
3.15
3.3
3.0
1.4
1.2
1.0
0.8
0.6
Supply current vs. Ambient temperature
Ta — Ambient temperature [°C]
60
80
20
40
0
1.4
1.2
1.0
0.8
0.6
Access time vs. Load capacitance
CL — Load capacitance [pF]
120
160
40
80
0
1.8
1.6
1.4
1.2
1.0
Ta = 25°C
VCC = 3.3V
Frequency (1/tRC, 1/tWC) [MHz]
0
Ta — Ambient temperature [°C]
60
80
20
40
0
1.4
1.2
1.0
0.8
0.6
Access time vs. Supply voltage
VCC — Supply voltage [V]
3.45
3.6
3.15
3.3
3.0
1.4
1.2
1.0
0.8
0.6
Access time vs. Load capacitance
12ns
tOE
tCO, tAA
Ta = 25°C
VCC = 3.3V
Ta = 25°C
tAA
tCO
tOE
VCC = 3.3V
tAA
tCO, tOE
tOE
tAA, tCO
tAA
tOE


Número de pieza similar - CXK5B81020J-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120J-12 SONY-CXK5B16120J-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120TM-12 SONY-CXK5B16120TM-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Descripción similar - CXK5B81020J-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6208H HITACHI-HM6208H Datasheet
64Kb / 11P
   65,536-word 쨈 4-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com