Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9337CKE100M Datasheet(PDF) 4 Page - RF Micro Devices

No. de pieza 9337CKE100M
Descripción Electrónicos  380W GaN WIDEBAND PULSED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFMD [RF Micro Devices]
Página de inicio  http://www.rfmd.com
Logo RFMD - RF Micro Devices

9337CKE100M Datasheet(HTML) 4 Page - RF Micro Devices

  9337CKE100M Datasheet HTML 1Page - RF Micro Devices 9337CKE100M Datasheet HTML 2Page - RF Micro Devices 9337CKE100M Datasheet HTML 3Page - RF Micro Devices 9337CKE100M Datasheet HTML 4Page - RF Micro Devices 9337CKE100M Datasheet HTML 5Page - RF Micro Devices 9337CKE100M Datasheet HTML 6Page - RF Micro Devices 9337CKE100M Datasheet HTML 7Page - RF Micro Devices 9337CKE100M Datasheet HTML 8Page - RF Micro Devices 9337CKE100M Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture over Temperature
(Pulsed at Center Band Frequency)
10
11
12
13
14
15
16
17
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Gain versus Output Power (f=3200MHz)
(Pulsed10% duty cycle,100μS, V
D = 65V, IDQ = 440mA)
Gain 85°C
Gain 25°C
Gain 40°C
10
20
30
40
50
60
70
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Efficiency versus Output Power (f = 3200MHz)
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ= 440mA)
Eff 85°C
Eff 25°C
Eff 40°C
12
11
10
9
8
7
6
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Input Return Lossversus Output Power (f= 3200MHz)
(Pulsed 10% duty cycle, 100μS, V
D = 65V, IDQ = 440mA)
IRL85°C
IRL25°C
IRL40°C


Número de pieza similar - 9337CKE100M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Micro Devices
9337CKE100M RFMD-9337CKE100M Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
More results

Descripción similar - 9337CKE100M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com