Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK5T81000AYN-12LLX Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXK5T81000AYN-12LLX
Descripción Electrónicos  131072-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T81000AYN-12LLX Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXK5T81000AYN-12LLX Datasheet HTML 2Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 3Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 4Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 5Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 6Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 7Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 8Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 9Page - Sony Corporation CXK5T81000AYN-12LLX Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Package Outline
Unit: mm
CXK5T81000ATN
– 10 –
CXK5T81000ATN/AYN
CXK5T81000AYN
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42 ALLOY
∗8.0 ± 0.1
1.2 MAX
0° to 10°
0.05 – 0.05
+ 0.1
0.145
A
0.1
DETAIL A
0.2g
NOTE: Dimension “
∗” does not include mold protrusion.
M
0.08
0.5
0.2
1
32
16
17
32PIN TSOP (PLASTIC)
TSOP-32P-L02
TSOP032-P-0813.4-C
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42 ALLOY
∗8.0 ± 0.1
1.2 MAX
0° to 10°
0.05 – 0.05
+ 0.1
0.145
A
0.1
DETAIL A
0.2g
NOTE: Dimension “
∗” does not include mold protrusion.
M
0.08
0.5
0.2
1
32
16
17
32PIN TSOP (PLASTIC)
TSOP-32P-L02R
TSOP032-P-0813.4-D


Número de pieza similar - CXK5T81000AYN-12LLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK5T81000AYM SONY-CXK5T81000AYM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AYM-10LLX SONY-CXK5T81000AYM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AYM-12LLX SONY-CXK5T81000AYM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Descripción similar - CXK5T81000AYN-12LLX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com