Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXK5V8257BYM-10LL Datasheet(PDF) 3 Page - Sony Corporation |
|
CXK5V8257BYM-10LL Datasheet(HTML) 3 Page - Sony Corporation |
3 / 9 page – 3 – CXK5V8257BTM/BYM/BM Input pulse high level Input pulse low level Input rise time Input fall time Input and output reference level -70LL -10LL VIH = 2.0V VIL = 0.8V tr = 5ns tf = 5ns 1.4V CL∗2 = 30pF, 1TTL CL∗2 = 100pF, 1TTL Item Conditions TTL CL Output load conditions AC Characteristics • AC test conditions (VCC = 3.3V ± 0.3V, Ta = 0 to +70°C) ∗2 C L includes scope and jig capacitances. I/O capacitance (Ta = 25°C, f = 1MHz) Input capacitance I/O capacitance Item Symbol Test condition Min. Typ. Max. Unit CIN CI/O VIN = 0V VI/O = 0V — — — — 8 10 pF pF Note) This parameter is sampled and is not 100% tested. Electrical Characteristics • DC characteristics (VCC = 3.3V ± 0.3V, GND = 0V, Ta = 0 to +70°C) Item Symbol Test Conditions Min. Typ.∗1 Max. Unit Input leakage current Output leakage current Operating power supply current Average operating current Standby current Output high voltage Output low voltage ILI ILO ICC1 ICC2 ISB1 ISB2 VOH VOL VIN = GND to VCC CE = VIH, OE = VIH or WE = VIL, VI/O = GND to VCC CE = VIL, VIN = VIH or VIL, IOUT = 0mA Min. cycle, Duty = 100%, IOUT = 0mA CE ≥ VCC – 0.2V CE = VIH IOH = –2mA IOL = 2.0mA –0.5 –0.5 — — — — — — — 2.4 — 0.5 0.5 2 40 35 3.5 0.7 0.35 0.7 — 0.4 — — 0.9 21 18 — — 0.12 0.06 — — µA µA mA mA µA mA V V ∗1 V CC = 3.3V, Ta = 25°C 70LL 10LL 0 to +70°C 0 to +40°C +25°C |
Número de pieza similar - CXK5V8257BYM-10LL |
|
Descripción similar - CXK5V8257BYM-10LL |