Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK581000AYM-10SL Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXK581000AYM-10SL
Descripción Electrónicos  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK581000AYM-10SL Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXK581000AYM-10SL Datasheet HTML 4Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 5Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 6Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 7Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 8Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 9Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 10Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 11Page - Sony Corporation CXK581000AYM-10SL Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– 10 –
CXK581000ATM/AYM/AM/AP
2.0
1.5
1.0
0.5
0
2.0
3.0
4.0
5.0
6.0
Ta = 25°C
ISB2
ISB1
Standby current vs. Supply voltage
VCC — Supply voltage (V)
20
10
5
2
1
0.5
0.2
0
20
40
60
80
VCC = 5.0V
Standby current vs. Ambient temperature
Ta — Ambient temperature (°C)
1.2
1.1
1.0
0.9
0.8
4.5
4.75
5
5.25
5.5
Ta = 25°C
VIL, VIH
Input voltage level vs. Supply voltage
VCC — Supply voltage (V)
1.4
1.2
1.0
0.8
0.6
020
40
60
80
Standby current vs. Ambient temperature
Ta — Ambient temperature (°C)
VCC = 5.0V
1.4
1.2
1.0
0.8
0.6
1
2
3
4
5
Output high current vs. Output high voltage
VOH — Output high voltage (V)
VCC = 5.0V
Ta = 25°C
1.8
1.4
1.0
0.6
0
0.2
0.4
0.6
0.8
Output low current vs. Output low voltage
VOL — Output low voltage (V)
VCC = 5.0V
Ta = 25°C


Número de pieza similar - CXK581000AYM-10SL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK581000M SONY-CXK581000M Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10L SONY-CXK581000M-10L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10LL SONY-CXK581000M-10LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12L SONY-CXK581000M-12L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12LL SONY-CXK581000M-12LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
More results

Descripción similar - CXK581000AYM-10SL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com