Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL1511M Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXL1511M
Descripción Electrónicos  CCD Delay Line for PAL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1511M Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXL1511M Datasheet HTML 4Page - Sony Corporation CXL1511M Datasheet HTML 5Page - Sony Corporation CXL1511M Datasheet HTML 6Page - Sony Corporation CXL1511M Datasheet HTML 7Page - Sony Corporation CXL1511M Datasheet HTML 8Page - Sony Corporation CXL1511M Datasheet HTML 9Page - Sony Corporation CXL1511M Datasheet HTML 10Page - Sony Corporation CXL1511M Datasheet HTML 11Page - Sony Corporation CXL1511M Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
– 8 –
CXL1511M
5. Measure the difference of the C-OUT output gain when 500mVp-p sine waves have been input to C-IN1
and C-IN2 at the following frequencies.
Input signal frequency
fp
fN
CCD1
4.429712MHz
4.425806MHz
CCD2
4.425744MHz
4.417869MHz
The frequency response for the outputs at fp and fN are shown in the figure below.
6. Using the BPF 100kHz to 5MHz in the Sub Carrier Trap mode, measure the SN ratio on the video noise meter
when the 50% white video signal shown in the figure below is input.
7. Measure the internal clock component (3fsc: 13.300856MHz component) when no signals are input.
8. Measure the delay time of the C-OUT output when the C-IN1 signal is input.
fN
fp
Frequency
Gain
178mV
321mV
143mV


Número de pieza similar - CXL1511M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL1510M SONY-CXL1510M Datasheet
127Kb / 14P
   CCD Delay Line for Multi System
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL1517 SONY-CXL1517 Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
CXL1517 SONY-CXL1517 Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
More results

Descripción similar - CXL1511M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
   CCD Delay Line for PAL
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com