Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK581000AM-70SL Datasheet(PDF) 3 Page - Sony Corporation

No. de pieza CXK581000AM-70SL
Descripción Electrónicos  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK581000AM-70SL Datasheet(HTML) 3 Page - Sony Corporation

  CXK581000AM-70SL Datasheet HTML 1Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 2Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 3Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 4Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 5Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 6Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 7Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 8Page - Sony Corporation CXK581000AM-70SL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
CXK581000ATM/AYM/AM/AP
Electrical Characteristics
• DC Characteristics
(VCC = 5V ±10%, GND = 0V, Ta = 0 to = +70°C)
Item
Symbol
Test conditions
Min.
Typ.∗1
Max.
Unit
Input leakage current
Output leakage current
Operating power
supply current
Average operating
current
Standby current
Output high
voltage
Output low
voltage
ILI
ILO
ICC1
ICC2
ICC3
ISB1
ISB2
VOH
VOL
VIN = GND to VCC
CE1 = VIH or CE2 = VIL or OE = VIH
or WE = VIL, VI/O = GND to VCC
CE1 = VIL, CE2 = VIH
VIN = VIH or VIL
IOUT = 0mA
Min. cycle
55LL/55SL
Duty = 100%
70LL/70SL
IOUT = 0mA
10LL/10SL
Cycle time 1µs
duty = 100%
IOUT = 0mA
CE1
≤ 0.2V
CE2
≥ VCC – 0.2V
VIL
≤ 0.2V
VIH
≥ VCC – 0.2V
CE2
≤ 0.2V
or
CE1
≥ VCC – 0.2V
{
CE2
≥ VCC – 0.2V
CE1 = VIH or CE2 = VIL
IOH = –1.0mA
IOL = 2.1mA
–1
–1
2.4
1
1
15
90
70
60
20
20
4
2
12
2.4
1
3
0.4
7
45
40
35
10
0.7
0.3
0.6
µA
mA
µA
mA
V
0 to +70°C
LL∗2
0 to +40°C
+25°C
0 to +70°C
SL∗3
0 to +40°C
+25°C
∗1V
CC
= 5V, Ta = 25°C
∗2 For -55LL/70LL/10LL
∗3 For -55SL/70SL/10SL


Número de pieza similar - CXK581000AM-70SL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK581000M SONY-CXK581000M Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10L SONY-CXK581000M-10L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10LL SONY-CXK581000M-10LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12L SONY-CXK581000M-12L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12LL SONY-CXK581000M-12LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
More results

Descripción similar - CXK581000AM-70SL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com