Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL5003M Datasheet(PDF) 3 Page - Sony Corporation

No. de pieza CXL5003M
Descripción Electrónicos  CMOS-CCD 1H Delay Line for PAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5003M Datasheet(HTML) 3 Page - Sony Corporation

  CXL5003M Datasheet HTML 1Page - Sony Corporation CXL5003M Datasheet HTML 2Page - Sony Corporation CXL5003M Datasheet HTML 3Page - Sony Corporation CXL5003M Datasheet HTML 4Page - Sony Corporation CXL5003M Datasheet HTML 5Page - Sony Corporation CXL5003M Datasheet HTML 6Page - Sony Corporation CXL5003M Datasheet HTML 7Page - Sony Corporation CXL5003M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXL5003M/P
Electrical Characteristics
(Ta = 25°C, VDD = 9.0V, VCL = 5.0V, fCLK = 13.3MHz, VCLK = 250mVp-p sine wave,
See "Electrical characteristics test circuit")
Item
Symbol
Measuring condition
SW conditions
Measuring
point
Min.
Typ. Max. Unit
1
2
mA
mA
dB
dB
%
deg
Vp-p
dB
V
V
V
V
5
16
3
5
5
1.28
6.5
6.5
3.3
3.7
4
14
0
–2.1
3
3
60
5.0
5.0
2.3
2.7
–3
–3.0
55
3.5
3.5
1.3
1.7
A1
A2
V1
V1
S
V2
V2
V3
V4
V5
V6
a
a
b
a
a
a
a
a
a
a
b, c
e
f
d
d
a
250kHz, 1.28Vp-p,
sine wave input
250kHz, 1.28Vp-p,
sine wave input
IG = 20 log (Output
voltage [Vp-p] /
1.28 [Vp-p])
Dissipation at 4.43MHz
in relation to 250kHz
fG = 20 log (V4.43MHz/
V250kHz) (Note 1)
5-staircase wave input
Y = 140 IRE (= 1.0Vp-p)
Measure S point with
vector scope (Note 2)
S: Input = 250kHz,
1.0Vp-p
output (Vp-p)
N: Input = DC ground
output (mVrms)
250kHz, 1.28Vp-p,
sine wave input
IDD
ICL
IG
fG
DG
DP
VIN-AC
S/N
VIN-AC
VAUTO-DC
VFEED-DC
VOUT-DC
Supply current
Insertion gain
Frequency
response
Differential gain
Differential phase
Allowable input
amplitude
Noise
Output DC
voltage


Número de pieza similar - CXL5003M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
More results

Descripción similar - CXL5003M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5515M SONY-CXL5515M Datasheet
142Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
logo
Sanyo Semicon Device
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com