Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL5003M Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXL5003M
Descripción Electrónicos  CMOS-CCD 1H Delay Line for PAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5003M Datasheet(HTML) 1 Page - Sony Corporation

  CXL5003M Datasheet HTML 1Page - Sony Corporation CXL5003M Datasheet HTML 2Page - Sony Corporation CXL5003M Datasheet HTML 3Page - Sony Corporation CXL5003M Datasheet HTML 4Page - Sony Corporation CXL5003M Datasheet HTML 5Page - Sony Corporation CXL5003M Datasheet HTML 6Page - Sony Corporation CXL5003M Datasheet HTML 7Page - Sony Corporation CXL5003M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS-CCD 1H Delay Line for PAL
Description
The CXL5003M/P are general-purpose CMOS-CCD
delay line ICs that provide 1H delay time for PAL.
Features
• Low power consumption 110mW (Typ.)
• Small size package (8-pin SOP, DIP)
• Low differential gain DG = 3% (Typ.)
• Input signal amplitude 180 IRE (= 1.28Vp-p, Max.)
• Low input clock amplitude operation 150mVp-p (Min.)
• Built-in peripheral circuits (clock driver, timing
generator, autobias, and output circuits)
Functions
• 848-bit CCD register
• Clock drivers
• Autobias circuit
• Sync tip clamp circuit
• Sample and hold circuit
Structure
CMOS-CCD
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
11
V
• Supply voltage
VCL
6V
• Operating temperature
Topr –10 to +60
°C
• Storage temperature
Tstg –55 to +150 °C
• Allowable power dissipation
PD
CXL5003M 350 mW
CXL5003P
480 mW
Recommended Operating Conditions
Supply voltage
VDD
9 ± 5%
V
VCL
5 ± 5%
V
Recommended Clock Conditions
• Input clock amplitude
VCLK
150mVp-p to 1.0Vp-p
(250mVp-p typ.)
• Clock frequency
fCLK
13.300856MHz
– 1 –
E51215B79-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXL5003M/P
CXL5003M
8 pin SOP (Plastic)
CXL5003P
8 pin DIP (Plastic)


Número de pieza similar - CXL5003M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
More results

Descripción similar - CXL5003M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5515M SONY-CXL5515M Datasheet
142Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
logo
Sanyo Semicon Device
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com