Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL5502M Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXL5502M
Descripción Electrónicos  CMOS-CCD 1H Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5502M Datasheet(HTML) 4 Page - Sony Corporation

  CXL5502M Datasheet HTML 1Page - Sony Corporation CXL5502M Datasheet HTML 2Page - Sony Corporation CXL5502M Datasheet HTML 3Page - Sony Corporation CXL5502M Datasheet HTML 4Page - Sony Corporation CXL5502M Datasheet HTML 5Page - Sony Corporation CXL5502M Datasheet HTML 6Page - Sony Corporation CXL5502M Datasheet HTML 7Page - Sony Corporation CXL5502M Datasheet HTML 8Page - Sony Corporation CXL5502M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
– 4 –
CXL5502M/N/P
Description of Function
In the CXL5502M/N/P, the condition of I/O control pins (Pins 2 and 3) control the input signal clamp condition
and the mode of the output signal with relation to its input signal.
There are 2 modes for the I/O signal.
(1) PN mode
(Low level clamp/reverse phase output mode)
(2) NP mode
(High level clamp/positive phase output mode)
I/O Control Pin
(1) I/O1 (Pin 2)
Control of the I/O signal condition
DC open .....
Input signal is low level clamped and the output signal is inverted in relation to the input
signal. As the pin is biased to 2.5V by means of the resistance inside the IC, a decoupling
capacitor of around 1000pF is necessary.
GND ............. Input signal is high level clamped and the output signal turns into an inverted signal.
(2) I/O2 (Pin 3)
Control of the input signal clamp condition
0V ................. Internal clamp condition
5V ................. Non internal clamp condition
Center biased to approx. 2.1V by means of the IC internal resistance (several 10k
Ω).
Usage in this mode is limited to APL 50% signals and in this mode, the maximum input
signal amplitude is 200mVp-p.
Clamp
level
Input waveform
Output waveform
Clamp
level


Número de pieza similar - CXL5502M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504P SONY-CXL5504P Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505P SONY-CXL5505P Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Descripción similar - CXL5502M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com