Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL5512P Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXL5512P
Descripción Electrónicos  CMOS-CCD 1H Delay Line for NTSC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5512P Datasheet(HTML) 9 Page - Sony Corporation

  CXL5512P Datasheet HTML 1Page - Sony Corporation CXL5512P Datasheet HTML 2Page - Sony Corporation CXL5512P Datasheet HTML 3Page - Sony Corporation CXL5512P Datasheet HTML 4Page - Sony Corporation CXL5512P Datasheet HTML 5Page - Sony Corporation CXL5512P Datasheet HTML 6Page - Sony Corporation CXL5512P Datasheet HTML 7Page - Sony Corporation CXL5512P Datasheet HTML 8Page - Sony Corporation CXL5512P Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY / PHENOL RESIN
SOLDER PLATING
42 ALLOY
85
1
4
1.27
0.4 – 0.05
+ 0.1
± 0.12
0° to 10°
1.25 – 0.15
+ 0.4
0.15 – 0.05
+ 0.1
0.10
A
0.1 – 0.1
+ 0.15
5.0 – 0.1
+ 0.4
0.1g
SOP-8P-L03
∗SOP008-P-0225-A
8PIN SOP (PLASTIC)
DETAILA
SONY CODE
EIAJ CODE
JEDEC CODE
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
8PIN DIP (PLASTIC) 300mil
9.4 – 0.1
+ 0.4
2.54
1
4
5
8
1.2 ± 0.15
0.5 ± 0.1
0° to 15°
0.5g
DIP-8P-01
∗DIP008-P-0300-A
Package Outline
Unit : mm
CXL5512M
CXL5512P
CXL5512M/P
—9—


Número de pieza similar - CXL5512P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513P SONY-CXL5513P Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5514P SONY-CXL5514P Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5515M SONY-CXL5515M Datasheet
142Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Descripción similar - CXL5512P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com