Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL5513P Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza CXL5513P
Descripción Electrónicos  CMOS-CCD 1H Delay Line for NTSC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5513P Datasheet(HTML) 2 Page - Sony Corporation

  CXL5513P Datasheet HTML 1Page - Sony Corporation CXL5513P Datasheet HTML 2Page - Sony Corporation CXL5513P Datasheet HTML 3Page - Sony Corporation CXL5513P Datasheet HTML 4Page - Sony Corporation CXL5513P Datasheet HTML 5Page - Sony Corporation CXL5513P Datasheet HTML 6Page - Sony Corporation CXL5513P Datasheet HTML 7Page - Sony Corporation CXL5513P Datasheet HTML 8Page - Sony Corporation CXL5513P Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
—2—
CXL5513M/P
Pin Description
Electrical Characteristics
(Ta=25 °C, VDD=5 V, fCLK=3.579545 MHz, VCLK=400mVp-p, sine wave)
See “Electrical Characteristics Test Circuit”.
1
2
3
4
5
6
7
8
IN
AB
OUT
VSS
CLK
VCO IN
VCO OUT
VDD
I
O
O
I
I
O
Signal input
Auto-bias DC output
Signal output
GND
Clock input (fsc)
VCO input
VCO output (3fsc)
5 V power supply
>10 K
40 to 500
>10 K
Pin No.
Symbol
I/O
Description
Impedance
Supply current
Low frequency gain
Frequency response
Differential gain
Differential phase
S/H pulse coupling
S/N ratio
IDD
GL
fR
DG
DP
CP
SN
———
200 kHz
500mVp-p
Sine wave
200 kz
↔ 3.57 MHz
150mVp-p
Sine wave
5-staircase wave
(See Note 4.)
5-staircase wave
(See Note 4.)
No signal input
50 % white video signal
(See Note 6.)
a–
6
12
20
mA
1
a
b
-2
0
2
dB
2
b
↔ c
b
–2.5
–1.5
–0.5
dB
3
dc
0
3
5
%
4
d
c
0
3
5
degree
4
f
a
350
mVp-p
5
e
d
52
56
dB
6
Item
Symbol
Conditions
SW conditions
Min.
Typ.
Max.
Unit
Note
12


Número de pieza similar - CXL5513P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512P SONY-CXL5512P Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5514P SONY-CXL5514P Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5515M SONY-CXL5515M Datasheet
142Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Descripción similar - CXL5513P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com