Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7427122 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
7427122 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
2 / 4 page 6.1 6.0 5.0 REV 2012-06-27 2012-04-23 2006-11-13 DATE SSt SSt AF BY SSt SMu - CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION Snap Ferrite Sleeve with plastic case Order.- No. 7427122 SIZE A4 D2 General Properties: Ferrite core Ferrite core Ferrite core Plastic housing Plastic housing Test cable Test cable Properties Material Initial permeability Curie temperature Colour Flammability Classification Applicable cable Applicable cable length µi TC Value 4 W 620 620 150 Grey UL94-V0 AWG26 165 Unit °C mm Tol. typ. typ. F Typical Impedance Characteristics: This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Número de pieza similar - 7427122 |
|
Descripción similar - 7427122 |