Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-IKR001V3 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-IKR001V3
Descripción Electrónicos  Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IKR001V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IKR001V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-IKR001V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-IKR001V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-IKR001V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
August 2012
Doc ID 023342 Rev 2
1/4
4
STEVAL-IKR001V3
Sub-GHz transceiver development kit based on the SPIRIT1
(433 MHz band)
Data brief
Features
2 SPIRIT1 low power, sub-GHz RF transceiver
daughterboards tuned for the 433 MHz band
2 STM32L microcontroller-based
motherboards
Suitable for wireless M-BUS systems
Associated SPIRIT1 software development kit
with documentation, STM32L firmware and
GUI
Debug connector
USB interface
Modulation schemes: 2-FSK, GFSK, MSK,
GMSK, OOK, and ASK
Air data rate from 1 to 500 kbps
Very low power consumption (9 mA RX and 21
mA TX at +11 dBm)
Excellent performance of receiver sensitivity
(up to -120 dBm)
Low duty cycle RX/TX operation mode
Automatic acknowledgement, retransmission,
and timeout protocol engine
AES 128-bit encryption co-processor
SPI interface for microcontroller
RoHS compliant
Description
The STEVAL-IKR001V3 development kit includes
2 RF daughterboards based on the SPIRIT1 low
power, sub-GHz low data rate transceiver suitable
for ISM bands and wireless M-BUS, and 2
motherboards based on the STM32L low power
microcontroller to control the daughterboards.
Each motherboard features a USB connector for
PC GUI interaction and firmware updates. A JTAG
connector allows the development of specific
firmware on the microcontroller.
www.st.com


Número de pieza similar - STEVAL-IKR001V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V5 STMICROELECTRONICS-STEVAL-IKR001V5 Datasheet
91Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
More results

Descripción similar - STEVAL-IKR001V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V5 STMICROELECTRONICS-STEVAL-IKR001V5 Datasheet
91Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
STEVAL-FKI868V1 STMICROELECTRONICS-STEVAL-FKI868V1 Datasheet
253Kb / 4P
   Sub-1 GHz transceiver development kit based on S2-LP
November 2016 Rev 1
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
logo
Murata Manufacturing Co...
DR-TRC104-2400-DK MURATA-DR-TRC104-2400-DK Datasheet
45Kb / 1P
   2.4 GHz Transceiver IC Development Kit
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com