Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ILL015V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-ILL015V1
Descripción Electrónicos  High brightness RGB LED array with LED error detection based on the STP24DP05 and STM32
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL015V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL015V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL015V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL015V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL015V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL015V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2009
Rev 1
1/5
5
STEVAL-ILL015V1
High brightness RGB LED array with LED error detection
based on the STP24DP05 and STM32
Features
Two STP24DP05 devices (TQFP48 package)
connected to 3 X 16 RGB high brightness
LEDs
STM32 microcontroller
Using a cost-effective internal HS oscillator.
JTAG interface for microcontroller firmware
changes/updates
Mini USB connector for interconnection with a
PC GUI.
Test points on the board for each important
signal aide laboratory evaluation
Buttons and knob to control the board
Error and over-temperature flag for each LED
driver
3 jumpers to simulate the disconnection of 3
LEDs
3 jumpers to simulate the shorting of 3 LEDs
Highly efficient ST1S010 DC-DC switching
power supply
Input 7.5 V - 18 V, current 0.7 A
Description
The STEVAL-ILL015V1 demonstration board
provides a platform for the testing and evaluation
of STMicroelectronics’ Power Logic LED driver
STP24DP05.
The STP24DP05 device is a 24-bit constant
current LED sink driver with output error
detection, suitable for applications such as large-
area displays and full-color board panels where
improvement in RGB LED resolution and
reduction of system cost are important.
STEVAL-ILL015V1
www.st.com


Número de pieza similar - STEVAL-ILL015V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ILL015V3 STMICROELECTRONICS-STEVAL-ILL015V3 Datasheet
310Kb / 5P
   Cost-effective internal high-side oscillator
July 2014 Rev 1
More results

Descripción similar - STEVAL-ILL015V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ILL028V1 STMICROELECTRONICS-STEVAL-ILL028V1 Datasheet
302Kb / 7P
   RGB LED driver for color displays and backlighting based on the STP1612PW05 and STM32
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
   Buck high-brightness LED driver based on the ST1S10
logo
Rohm
MSL0402RGB ROHM-MSL0402RGB Datasheet
425Kb / 11P
   Small and high Brightness RGB LED
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
Rohm
MSL0601RGB ROHM-MSL0601RGB Datasheet
604Kb / 10P
   Small and high Brightness side-view RGB LED
logo
ams AG
AS1116 AMSCO-AS1116 Datasheet
1,018Kb / 20P
   64 LED Driver with Detailed Error Detection
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
LED2472G STMICROELECTRONICS-LED2472G Datasheet
1Mb / 39P
   24-channels LED driver with error detection and gain control
April 2014 Rev 3
logo
Silicon Touch Technolog...
DD313 SITI-DD313 Datasheet
688Kb / 22P
   3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
STMicroelectronics
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
   MEMS microphone demonstration board based on the MP34DB01 and STM32
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com