Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7427211 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7427211
Descripción Electrónicos  WE-FLAT Flat Ferrite Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427211 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427211 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427211 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427211 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427211 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4.0
3.0
REV
2012-09-18
2006-10-12
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FLAT Flat Ferrite Core
Order.- No.
7427211
SIZE
A4
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
The packaging of the product is to encase the needed humidity of the plastic housing. To ensure the humidity level, the products have to be
stored in this delivered packaging. If not, the products are losing their humidity. In this case you can re-condition the components according to
the internal standard WE1883 to ensure the necessary humidity in the plastic.
To ensure the operating mode of the product, the ambient temperature at processing (when the part will be mounted on the cable) has to be in
the range of 15 to 25 °C.
Before mounting, the part should be stored for one hour in this condition.
The responsibility for the applicability of customer specific products and the use in a particular customer design is always within the authority
of the customer. All technical specifications for standard products do also apply for customer specific products.
Direct mechanical impact to the product and the forcible closing of this shall be prevented as the ferrite material of the ferrite body or the pla-
stic housing could flake or in the worst case it could break.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-FLAT
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7427211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427210 WURTH-7427210 Datasheet
424Kb / 4P
   WE-FLAT Flat Ferrite Core
7427212 WURTH-7427212 Datasheet
421Kb / 4P
   WE-FLAT Flat Ferrite Core
7427213 WURTH-7427213 Datasheet
433Kb / 4P
   WE-FLAT Flat Ferrite Core
74272131 WURTH-74272131 Datasheet
786Kb / 6P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.002
74272132 WURTH-74272132 Datasheet
361Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.000
More results

Descripción similar - 7427211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427225 WURTH-7427225 Datasheet
459Kb / 4P
   WE-FLAT Flat Ferrite Core
7427226 WURTH-7427226 Datasheet
446Kb / 4P
   WE-FLAT Flat Ferrite Core
7427228 WURTH-7427228 Datasheet
430Kb / 4P
   WE-FLAT Flat Ferrite Core
7427230 WURTH-7427230 Datasheet
419Kb / 4P
   WE-FLAT Flat Ferrite Core
74272141 WURTH-74272141 Datasheet
444Kb / 4P
   WE-FLAT Flat Ferrite Core
7427236 WURTH-7427236 Datasheet
422Kb / 4P
   WE-FLAT Flat Ferrite Core
7427221 WURTH-7427221 Datasheet
460Kb / 4P
   WE-FLAT Flat Ferrite Core
7427216 WURTH-7427216 Datasheet
453Kb / 4P
   WE-FLAT Flat Ferrite Core
7427222 WURTH-7427222 Datasheet
431Kb / 4P
   WE-FLAT Flat Ferrite Core
7427210 WURTH-7427210 Datasheet
424Kb / 4P
   WE-FLAT Flat Ferrite Core
7427227 WURTH-7427227 Datasheet
465Kb / 4P
   WE-FLAT Flat Ferrite Core
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com