Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7427931 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7427931
Descripción Electrónicos  WE-PBF Flat Wire High Current SMD Ferrite Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427931 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427931 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427931 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427931 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427931 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427931 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427931 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7.2
7.1
7.0
6.0
REV
2012-09-27
2012-06-27
2012-04-03
2009-06-24
DATE
SSt
SSt
SSt
SMu
BY
SMu
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PBF Flat Wire High Current SMD Ferrite
Bead
Order.- No.
7427931
SIZE
A4
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance @ 25 MHz
Impedance @ 100 MHz
Rated current
DC Resistance
Test conditions
25 MHz
100 MHz
ΔT = 40K
Z
Z
IR
RDC
Value
58
91
6.0
0.9
Unit
Ω
Ω
A
Ω
Tol.
±25%
±25%
max.
max.
E General information:
Do not use this part beyond the Rated Current, as this will create
excessive heat and can harm the component
Storage Temperature (on Tape & Reel): -20°C to +60°C
Operating Temperature: -55°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
glued version
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7427931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427930 WURTH-7427930 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427932 WURTH-7427932 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427933 WURTH-7427933 Datasheet
690Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
7427934 WURTH-7427934 Datasheet
694Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
003.000
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
More results

Descripción similar - 7427931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427932 WURTH-7427932 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279391 WURTH-74279391 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279392 WURTH-74279392 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427930 WURTH-7427930 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427934 WURTH-7427934 Datasheet
694Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
003.000
7427933 WURTH-7427933 Datasheet
690Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
744316560 WURTH-744316560 Datasheet
561Kb / 5P
   WE-HCI SMD Flat Wire High Current
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
74435580680 WURTH-74435580680 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com