Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM2486 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADM2486
Descripción Electrónicos  Digital Isolator Product Selection and Resource Guide
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 3 Page - Analog Devices

  ADM2486 Datasheet HTML 1Page - Analog Devices ADM2486 Datasheet HTML 2Page - Analog Devices ADM2486 Datasheet HTML 3Page - Analog Devices ADM2486 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated Switching Regulators
Part Number
Number of Data Channels
Max Data Rate
(Mbps)
Isolated Supply Output
Max Temperature
(°C)
Package
Total
Reverse Direction Options
0
1
2
3
4
Current (mA)
Range (V)
2.5 kV rms Isolation
ADuM3070
0
500
3.3 to 24
105
16-lead QSOP
ADuM347x
4
1, 25
400
3.3 to 24
105
20-lead SSOP
5 kV rms Isolation
ADuM4070
0
500
3.3 to 24
105
16-lead SOIC_IC
ADuM447x
4
1, 25
500
3.3 to 24
105
20-lead SOIC_IC
USB 2.0 Certified Isolators
Part Number
Insulation Rating (kV rms)
Data Rate
Max Temperature (°C)
Package
ADuM3160
2.5
Low Speed: 1.5 Mbps
Full Speed: 12 Mbps
105
16-lead SOIC_W
ADuM4160
5
Low Speed: 1.5 Mbps
Full Speed: 12 Mbps
105
16-lead SOIC_W/16-lead SOIC_IC
Isolated Gate Drivers
Part Number
Isolated
Channels
Insulation Rating
(kV rms)
Frequency
(MHz)
Output Voltage
Range (V)
Max Output Current
(A
PEAK)
Power Level
(mW)
Input Logic
Levels
Max Temperature
(°C)
Package
ADuM6132
1
3.7
1
12.5 to 17
0.2
275
CMOS
85
16-lead SOIC_W
ADuM7234
2
1
1
12 to 18
4
CMOS
105
16-lead SOIC_N
ADuM1233
2
2.5
5
12 to 18
0.1
TTL
105
16-lead SOIC_W
ADuM1234
2
2.5
5
12 to 18
0.1
CMOS
105
16-lead SOIC_W
ADuM3220
*
2
2.5
1
4.5 to 18
4
CMOS
125
8-lead SOIC_N
ADuM3221
*
2
2.5
1
4.5 to 18
4
CMOS
125
8-lead SOIC_N
ADuM5230
2
2.5
1
12 to 18
0.1
150
CMOS
105
16-lead SOIC_W
ADuM3223
2
3
1
4.5 to 18
4
CMOS
125
16-lead SOIC_N
ADuM4223
2
5
1
4.5 to 18
4
CMOS
125
16-lead SOIC_W
Isolated I2C-Compliant Bidirectional Digital Isolators
Part Number
Insulation Rating
(kV rms)
Serial Data
Serial Clock
Max Data Rate (Mbps) Max Temperature (°C)
Package
ADuM1250
*
2.5
Bidirectional
Bidirectional
1
105
8-lead SOIC_N
ADuM1251
*
2.5
Bidirectional
Unidirectional
1
105
8-lead SOIC_N
ADuM2250
5
Bidirectional
Bidirectional
1
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM2251
5
Bidirectional
Unidirectional
1
105
16-lead SOIC_W/16-lead SOIC_IC
Isolated CAN Transceivers
Part Number
Insulation Rating
(kV rms)
High Voltage Bus Side
Regulator
Max Data Rate
(Mbps)
Integrated
isoPower
Power Supply (V)
Max Temperature (°C)
Package
Logic Side
Bus Side
ADM3053
2.5
1
5
85
20-lead SOIC_W
ADM3052
5
1
3 to 5.5
24
85
16-lead SOIC_W
ADM3054
5
1
3 to 5.5
5
125
16-lead SOIC_W
Isolated RS-485 Transceivers
Part Number
Insulation
Rating
(kV rms)
Full
Duplex
Half
Duplex
Max Data
Rate
Integrated
isoPower
Integrated
Transformer
Driver
Power Supply (V)
Max Temperature
(°C)
Package
Logic Side
Bus Side
ADM2481
2.5
500 kbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2482E
2.5
16 Kbps
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2483
2.5
500 kbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2485
2.5
16 Mbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2486
2.5
20 Mbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2487E
2.5
500 kbps
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2582E
2.5
16 Mbps
3.0 to 5.0
85
20-lead SOIC W
ADM2587E
2.5
500 kbps
3.0 to 5.0
85
20-lead SOIC W
ADM2484E
5
500 kbps
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2490E
5
16 Mbps
3.0 to 5.0
5
105
16-lead SOIC_W
ADM2491E
5
16 Mbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2682E
5
16 Mbps
3.0 to 5.0
85
16-lead SOIC_IC
ADM2687E
5
500 kbps
3.0 to 5.0
85
16-lead SOIC_IC
Isolated RS-232 Transceivers
Part Number
Insulation Rating
(kV rms)
ESD Protection (kV)
Max Data Rate
(kbps)
Number Tx
Number Rx
Integrated
isoPower
Max Temperature
(°C)
Package
ADM3251E
2.5
15
460
1
1
85
20-lead SOIC_W
ADM3252E
2.5
15
460
2
2
85
BGA
Isolated
����-���� ADCs
Part Number
Insulation Rating
(kV rms)
Resolution (Bits)
Clock Rate
(MHz)
Clock Source
Power (mW)
Power Supply (V)
Package
ADC Side
Bus Side
AD7400
3.75
16
10
Internal
72
3.0 to 5.0
5.0
16-lead SOIC_W
AD7400A
3.75
16
10
Internal
75
3.0 to 5.0
5.0
8-lead PDIP_SMD
AD7401
3.75
16
20
External
72
3.0 to 5.0
5.0
16-lead SOIC_W
AD7401A
3.75
16
20
External
72
3.0 to 5.0
5.0
16-lead SOIC_W
*AEC-Q100 qualified models available for use in automotive applications. Please visit product pages for more information.
www.analog.com/icoupler
| 3


Número de pieza similar - ADM2486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486 AD-ADM2486 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRW AD-ADM2486BRW Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW AD-ADM2486BRW Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
More results

Descripción similar - ADM2486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com