Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-106B Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza DM-106B
Descripción Electrónicos  Magnetoresistance Element
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-106B Datasheet(HTML) 4 Page - Sony Corporation

  DM-106B Datasheet HTML 1Page - Sony Corporation DM-106B Datasheet HTML 2Page - Sony Corporation DM-106B Datasheet HTML 3Page - Sony Corporation DM-106B Datasheet HTML 4Page - Sony Corporation DM-106B Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
—4—
DM-106B
Midpoint potential vs. Magnetic field intensity
4000
12000
0
2.45
2.46
2.47
H-Revolving magnetic field intensity (A/m)
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
VCC=5V
8000
16000
Midpoint potential vs. Direction of magnetic-flux incidence
0
2.45
2.46
2.47
θ-Direction of magnetic-flux incidence (deg)
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
1. VCC=5V
H=12000A/m
2. Output
3. GND
45
90
135
180
225
θ
106B
3 2 1
H
Output voltage vs. Magnetic field intensity
12000
16000
0
20
H-Revolving magnetic field intensity (A/m)
40
60
80
100
VCC=5V
0
4000
8000
Total resistance, output voltage vs. Temperature
50
60
Ta-Ambient temperature (°C)
70
80
90
100
110
120
H=8000A/m
(Revolving magnetic field)
VCC=5V
—50 —25
0
25
50
75 100 125 150
RT
VO
1.5
2.0
2.5
3.0
Derating Curve
80
120
—40
1
Ta-Ambient temperature (°C)
2
3
4
5
VCC=10V
0
0
40
160


Número de pieza similar - DM-106B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
DM-11 MIMIX-DM-11 Datasheet
177Kb / 1P
   SSPA Replacement Kits
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
   Magneto-Resistance Element
More results

Descripción similar - DM-106B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
   Magnetoresistance Element
DM-231 SONY-DM-231 Datasheet
96Kb / 5P
   Magnetoresistance Element
logo
Nanjing Ouzhuo Technolo...
MMS105H OHHALLSENSOR-MMS105H Datasheet
449Kb / 5P
   Tunneling Magnetoresistance Bipolar Switch
logo
Festo Corporation.
192968 FESTO-192968 Datasheet
76Kb / 1P
   Stop element
12/4/22
logo
Kingtronics Internation...
RKT-3540S KINGTRONICS-RKT-3540S Datasheet
370Kb / 1P
   WIREWOUND ELEMENT
logo
Isahaya Electronics Cor...
BSO8D ISAHAYA-BSO8D Datasheet
682Kb / 15P
   TRIGGER ELEMENT
logo
Littelfuse
FLNR LITTELFUSE-FLNR_16 Datasheet
162Kb / 2P
   Dual Element
logo
CUI INC
CPT-2064-L100 CUI-CPT-2064-L100 Datasheet
349Kb / 4P
   PIEZO ELEMENT
CPT-2065-L100 CUI-CPT-2065-L100 Datasheet
307Kb / 4P
   PIEZO ELEMENT
CPT-2745-L100 CUI-CPT-2745-L100 Datasheet
365Kb / 4P
   PIEZO ELEMENT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com