Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AUP1G32 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
74AUP1G32 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 11 page 74AUP1G32 Document number: DS35154 Rev. 1 - 2 1 of 11 www.diodes.com August 2012 © Diodes Incorporated 74AUP1G32 SINGLE 2 INPUT POSITIVE OR GATE Description The Advanced Ultra Low Power (AUP) CMOS logic family is designed for low power and extended battery life in portable applications. The 74AUP1G32 is a single 2-input positive OR gate with a standard push-pull output designed for operation over a power supply range of 0.8V to 3.6V. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The gate performs the positive Boolean function: B A Y + = or B A Y • = Features • Advanced Ultra Low Power (AUP) CMOS • Supply Voltage Range from 0.8V to 3.6V • ±4mA Output Drive at 3.0V • Low Static power consumption Icc < 0.9µA • Low Dynamic Power Consumption CPD = 6.3pF (Typical at 3.6V) • Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for Slower Input Rise and Fall Time. The hysteresis is typically 250 mV at VCC = 3.0V • IOFF Supports Partial-Power-Down Mode Operation • ESD Protection Exceeds JESD 22 2000-V Human Body Model (A114-A) Exceeds 1000-V Charged Device Model (C101C) • Latch-Up Exceeds 100mA per JESD 78, Class II • Range of Package Options SOT353, DFN1410, and DFN1010 • Leadless packages per JESD30E DFN1010 denoted as X2-DFN1010-6 DFN1014 denoted as X2-DFN1014-6 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) • Halogen and Antimony Free. “Green” Device (Note 3) Pin Assignments Applications • Suited for battery and low power needs • Wide array of products such as: Tablets, E-readers Cell Phones, Personal Navigation / GPS MP3 players ,Cameras, Video Recorders PCs ultrabooks, notebooks, netbooks, Computer peripherals, hard drives, CD/DVD ROM TV, DVD, DVR, set top box Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. Click here for ordering information, located at the end of datasheet |
Número de pieza similar - 74AUP1G32 |
|
Descripción similar - 74AUP1G32 |