Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G17SE Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 74AUP1G17SE
Descripción Electrónicos  SINGLE SCHMITT-TRIGGER BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G17SE Datasheet(HTML) 3 Page - Diodes Incorporated

  74AUP1G17SE Datasheet HTML 1Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 2Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 3Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 4Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 5Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 6Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 7Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 8Page - Diodes Incorporated 74AUP1G17SE Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AUP1G17
Document number: DS35153 Rev. 1 - 2
3 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G17
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
VCC
Supply Voltage Range
-0.5 to +4.6
V
VI
Input Voltage Range
-0.5 to +4.6
V
Vo
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI < 0
50
mA
IOK
Output Clamp Current (VO < 0 )
50
mA
IO
Continuous Output Current (VO = 0 to VCC)
±20
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
0.8
3.6
V
VI
Input Voltage
0
3.6
V
VO
Output Voltage
0
VCC
V
IOH
High-Level Output Current
VCC = 0.8V
-20
µA
VCC = 1.1V
-1.1
mA
VCC = 1.4V
-1.7
VCC = 1.65V
-1.9
VCC = 2.3V
-3.1
VCC = 3.0V
-4
IOL
Low-Level Output Current
VCC = 0.8V
20
uA
VCC = 1.1V
1.1
mA
VCC = 1.4V
1.7
VCC = 1.65V
1.9
VCC = 2.3V
3.1
VCC = 3.0V
4
TA
Operating Free-Air Temperature
-40
125
°C
Note:
5. Unused inputs should be held at VCC or Ground.


Número de pieza similar - 74AUP1G17SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

Descripción similar - 74AUP1G17SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com