Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6665TRPBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF6665TRPBF
Descripción Electrónicos  Latest MOSFET Silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6665TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF6665TRPBF Datasheet HTML 2Page - International Rectifier IRF6665TRPBF Datasheet HTML 3Page - International Rectifier IRF6665TRPBF Datasheet HTML 4Page - International Rectifier IRF6665TRPBF Datasheet HTML 5Page - International Rectifier IRF6665TRPBF Datasheet HTML 6Page - International Rectifier IRF6665TRPBF Datasheet HTML 7Page - International Rectifier IRF6665TRPBF Datasheet HTML 8Page - International Rectifier IRF6665TRPBF Datasheet HTML 9Page - International Rectifier IRF6665TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF6665PbF
6
www.irf.com
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 17a. Gate Charge Test Circuit
Fig 17b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 18.
Diode Reverse Recovery Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current


Número de pieza similar - IRF6665TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6665TRPBF IRF-IRF6665TRPBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
More results

Descripción similar - IRF6665TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com