Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC-1551SR Datasheet(PDF) 2 Page - Advantech Co., Ltd.

No. de pieza TPC-1551SR
Descripción Electrónicos  12.1" SVGA/15" XGA High Brightness LCD Intel짰 Atom??Touch Panel Computers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1551SR Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1551SR Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1551SR Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: [mm]
Panel Cut-out Dimensions: TPC-1251SR: 302.5 x 228.5 mm (11.9" x 9")
TPC-1551SR: 374.5 x 298.5 mm (14.7" x 11.7")
TPC-1251SR/1551SR
Rear View
TPC-1251SR/1551SR
Ordering Information
ƒ
TPC-1251SR-Z2AE
12.1" Sunlight Readable Touch Panel PC, Atom™
1.33GHz, 1GB
ƒ
TPC-1551SR-Z2AE
15" Sunlight Readable Touch Panel PC, Atom™
1.33GHz, 1GB
Accessories
ƒ
TPC-1570H-SMKE
TPC-1551SR Desktop Stand
ƒ
TPC-1250H-SMKE
TPC-1251SR Desktop Stand
ƒ
TPC-1570H-WMKE
TPC-1551SR Wallmount Kit
ƒ
TPC-1250H-WMKE
TPC-1251SR Wallmount Kit
ƒ
TPC-651H-EHKE
TPC-651H/1251H/1551H Extension HDD Kit
ƒ
PWR-247-AE
24 V 50 W AC-DC Power Adapter
ƒ
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M
* Stand and Wall mount kits not compatible with HDD extension kit.
a
b
c
d
3.0
33.6
4.5
230.0
180.0
383.0
306.1
58.5
7
4
187
373.0
301.5
187.0
6.5
4
53.1
311.0
247.2
a. COM (RS-232, RS-422/485)
b. USB 2.0
c. LAN (10/100/1000)
d. Power Receptor


Número de pieza similar - TPC-1551SR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
TPC-1551H-E3AE ADVANTECH-TPC-1551H-E3AE Datasheet
603Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T ADVANTECH-TPC-1551T Datasheet
559Kb / 2P
   15 XGA TFT LED LCD Thin-Client Terminal with Intel짰 Atom??Processor
24-Sep-2021
TPC-1551T-B ADVANTECH-TPC-1551T-B Datasheet
478Kb / 2P
   15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
TPC-1551T-E3AE ADVANTECH-TPC-1551T-E3AE Datasheet
603Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T-E3BE ADVANTECH-TPC-1551T-E3BE Datasheet
478Kb / 2P
   15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com