Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX32 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74LCX32
Descripción Electrónicos  Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX32_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX32 Rev. 1.6.0
5
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Unit
Typical
VOLP
Quiet Output Dynamic Peak VOL
3.3
CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
2.5
CL = 30pF, VIH = 2.5V, VIL = 0V
0.6
VOLV
Quiet Output Dynamic Valley VOL
3.3
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.8
V
2.5
CL = 30pF, VIH = 2.5V, VIL = 0V
–0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10MHz
25
pF


Número de pieza similar - 74LCX32_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74LCX32500G FAIRCHILD-74LCX32500G Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
More results

Descripción similar - 74LCX32_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com