Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT574MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74LVT574MTC
Descripción Electrónicos  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT574MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LVT574MTC_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LVT574MTC_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT574, 74LVTH574 Rev. 1.6.0
6
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Notes:
9. All typical values are at VCC = 3.3V, TA = 25°C.
10. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance(11)
Note:
11. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
150
150
MHz
tPHL
Propagation Delay, CP to On
1.8
4.6
1.8
5.3
ns
tPLH
1.8
4.5
1.8
5.3
tPZL
Output Enable Time
1.5
5.2
1.5
6.1
ns
tPZH
1.5
4.8
1.5
5.9
tPLZ
Output Disable Time
2.0
4.4
2.0
4.4
ns
tPHZ
2.0
4.8
2.0
5.1
tS
Setup Time
2.0
2.4
ns
tH
Hold Time
0.3
0.0
ns
tW
Pulse Width
3.3
3.3
ns
tOSHL, tOSLH
Output to Output Skew(10)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
4pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6
pF


Número de pieza similar - 74LVT574MTC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT574MTCX FAIRCHILD-74LVT574MTCX Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574MTCX_NL FAIRCHILD-74LVT574MTCX_NL Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Descripción similar - 74LVT574MTC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com