Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11948T Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LB11948T
Descripción Electrónicos  PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11948T Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11948T Datasheet HTML 5Page - Sanyo Semicon Device LB11948T Datasheet HTML 6Page - Sanyo Semicon Device LB11948T Datasheet HTML 7Page - Sanyo Semicon Device LB11948T Datasheet HTML 8Page - Sanyo Semicon Device LB11948T Datasheet HTML 9Page - Sanyo Semicon Device LB11948T Datasheet HTML 10Page - Sanyo Semicon Device LB11948T Datasheet HTML 11Page - Sanyo Semicon Device LB11948T Datasheet HTML 12Page - Sanyo Semicon Device LB11948T Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB11948T
No.7947-11/13
Usage Notes
(1) Simple Formulas for Determining Resister and Capacitor Values
The formula for setting the rising time (T1) and the falling time (T2) for the RC oscillator are shown below. (Refer to
Fig. 1)
Fig. 1
Formulas
Oscillation period
T = T1+T2
(sec)
Threshold voltages V1 = ((VCC - Vset1) × 10.7k/48.7k) + Vset1
(V)
V2 = ((VCC - Vset2) × 42.7k/80.7k) + Vset2
(V)
Vset1 : VCE voltage of transistor for internal comparator hysteresis = 0.05V
Vset2 : VCE voltage of reference resistance switching transistor of oscillation circuit = 0.1V
When charging :
T1 = -C
× R × ln {(VCC - V2)/(VCC - V1)} (sec)
When discharging : T2 = -C
× Rin × ln (V1/V2) (sec)
Rin : Internal discharge resistance of the CR pin1.3k
Ω
C : External capacitor
R : External resistor
Oscillation frequency
Fc = 1/T (Hz)
The T2 fall time serves as the noise canceling time (Tn). This time is a forced-on time for the output, and the output is
not turned off even when the E pin voltage is higher than the sense voltage that has been preset by VREF.
T2
T1
V1
V2


Número de pieza similar - LB11948T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T ONSEMI-LB11948T Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
More results

Descripción similar - LB11948T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com