Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-220-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza STK672-220-E
Descripción Electrónicos  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-220-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK672-220-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK672-220-E
No.7465-3/10
Internal Block Diagram
Sample Application Circuit
• The Co1 ground lead must be connected as close as possible to pin 1 on the hybrid IC.
• HC type CMOS levels are recommended as the input specifications for pins 6 to 9.
• In case of TTL input, connect a pull-up resistor. (Recommended value: 2kΩ)
• Excitation control input specifications
Corresponding excitation control input signal
Corresponding output pin
Active: High
Active: Low
2 pin
φB
φBB
3 pin
φBB
φB
4 pin
φA
φAB
5 pin
φAB
φA
VCC2
10
SUB
Off
Time
setting
Off
Time
setting
4
5
φAB
8
φA
9
3
2
Inhibit
11
PG
1
Vref
12
φBB
6
φB
7
STK672-220-E
VCC2=5V
9
8
7
6
12
1
10
Stepping motor
Co2=10
μF
+
+
Ro1
Ro2
S.GND
φBB
φB
φAB
φA
At least VCC1=24V
Co1=220
μF
P.GND
2
3
4
5
ITF02299
11
Inhibit


Número de pieza similar - STK672-220-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Descripción similar - STK672-220-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Sanyo Semicon Device
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com