Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-432B-E Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza STK672-432B-E
Descripción Electrónicos  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-432B-E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK672-432B-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STK672-432B-E
No.A1733-5/24
Block Diagram
Sample Application Circuit
2-phase stepping motor
MOI
S.G
FAULT1
FAULT2
CWB
ENABLE
RESETB
CLOCK
VDD=5V
R01
17
11
10
12
9
13
15
14
7
19
4
5
3
1
A
AB
B
BB
P.G2
P.G1
2
6
18
16
8
+
+
C01
at least 100
μF
C02
10
μF
VCC=24V
P.GND
Vref
R02
STK672-432B-E
ENABLE 15
FAULT1 16
P.G1
6
P.G2
1
÷4.9
2
S.G 18
MODE1 10
VDD
VSS
9
MOI
7
FAULT2
8
Vref
SUB
F1
F2
F3
F4
19
A
4
AB
5
B
3
BB
1
MODE2 11
CWB 13
CLOCK 12
MODE3 17
RESETB 14
Excitation mode
selection
Phase
excitation
signal
generator
Phase
advance
counter
Current divider
ratio switching
Pseudo sine
wave generator
Rising edge / falling
edge detection
Power-on
reset
Overheating
detection
Overcurrent
detection
Oscillator
Reference
clock
generator
PWM
control
Latch
Open
detection


Número de pieza similar - STK672-432B-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK672-432B-E ONSEMI-STK672-432B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
More results

Descripción similar - STK672-432B-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com