Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN53610AUC29X Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN53610AUC29X
Descripción Electrónicos  3 MHz, 600 mA / 1A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53610AUC29X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN53610AUC29X Datasheet HTML 1Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 2Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 3Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 4Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 5Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 6Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 7Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 8Page - Fairchild Semiconductor FAN53610AUC29X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53600 / FAN56310 • Rev. 1.0.0
FAN53600 / FAN53610
3 MHz, 600 mA / 1A Synchronous Buck Regulator
Features
600 mA or 1 A Output Current Capability
26 µA Typical Quiescent Current
3 MHz Fixed-Frequency Operation
Best-in-Class Load Transient Response
Best-in-Class Efficiency
2.3 V to 5.5 V Input Voltage Range
0.8 V to 3.3 V Fixed Output Voltage
Low Ripple Light-Load PFM Mode
Forced PWM and External Clock Synchronization
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
Optional Output Discharge
6-Bump WLCSP, 0.4 mm Pitch
Applications
3G, 4G, WiFi®, WiMAX™, and WiBro® Data Cards
Tablets
DSC, DVC
Netbooks®, Ultra-Mobile PCs
All trademarks are the property of their respective owners.
Description
The FAN53600/10 is a 3 MHz step-down switching voltage
regulator, available in 600 mA or 1 A options, that delivers a
fixed output from an input voltage supply of 2.3 V to 5.5 V.
Using
a
proprietary
architecture
with
synchronous
rectification, the FAN53600/10 is capable of delivering a
peak efficiency of 92%, while maintaining efficiency over
80% at load currents as low as 1 mA.
The regulator operates at a nominal fixed frequency of
3 MHz, which reduces the value of the external components
to as low as 1 µH for the output inductor and 4.7 µF for the
output capacitor. In addition, the Pulse-Width Modulation
(PWM) modulator can be synchronized to an external
frequency source.
At moderate and light loads, Pulse Frequency Modulation
(PFM) is used to operate the device in Power-Save Mode
with a typical quiescent current of 26 µA. Even with such a
low quiescent current, the part exhibits excellent transient
response during large load swings. At higher loads, the
system automatically switches to fixed-frequency control,
operating at 3 MHz. In Shutdown Mode, the supply current
drops below 1 µA, reducing power consumption. For
applications that require minimum ripple or fixed frequency,
PFM Mode can be disabled using the MODE pin.
The FAN53600/10 is available in 6-bump, 0.4 mm pitch,
Wafer-Level Chip-Scale Package (WLCSP).
Figure 1.
Typical Application
Ordering Information
Part Number
Output
Voltage
(1)
Max. Output
Current
Active
Discharge
(2)
Package
Temperature
Range
Packing
FAN53600AUC33X
3.3 V
600 mA
Yes
WLCSP-6,
0.4 mm Pitch
–40 to +85°C
Tape and
Reel
FAN53610AUC29X
2.9 V
1 A
Yes
Notes:
1.
Other voltage options available on request. Contact a Fairchild representative.
2.
All voltage and output current options are available with or without active discharge. Contact a Fairchild representative.


Número de pieza similar - FAN53610AUC29X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53610AUC29X ONSEMI-FAN53610AUC29X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results

Descripción similar - FAN53610AUC29X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com