Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1836M Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LB1836M
Descripción Electrónicos  Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1836M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1836M_12 Datasheet HTML 1Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 2Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 3Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 4Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 5Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LB1836M
No.3947-5/6
0
0.2
0.4
0.6
0.8
1.0
0
200
100
300
400
500
600
0
70
80
90
100
110
60
40
80
100
120
140
020
– 40
– 20
160
VCC = VS = IN = 3V
IN1
IN2
0
0.1
0.3
0.2
0.4
0.5
0.6
– 40
– 20
0
20
40
60
80
100
120
140
VCC = VS = IN = 3V
VO(sat) = total value
IO = 400mA
IO = 200mA
0
4
8
12
16
20
24
– 40
– 20
0
20
40
60
80
120
100
140
160
VCC = VS = IN = 3V
– 20
0
20
40
60
80
120
100
140
0
1
2
3
4
5
6
– 40
160
VCC = VS = IN = 3V
0
400
0
1
2
3
4
5
67
89
10
100
200
300
VCC = VS = 3V
IN1
IN2
IN3
IN4
28
02
13
4
5
6
7
8
9
10
0
4
8
12
16
20
24
11
VS = IN = 3V
Output current, IO –mA
Ambient temperature, Ta –
°C
IS – Ta
Ambient temperature, Ta –
°C
ICC – Ta
ICC – VCC
Ambient temperature, Ta –
°C
Supply voltage, VCC –V
Output current, IO –mA
Ambient temperature, Ta –
°C
VO (sat) – IO
Input voltage, VIN –V
IIN – VIN
IIN – Ta
VO (sat) – Ta
VO (sat) – IO
0
0.2
0.4
0.6
0.8
1.0
100
200
300
400
500
600
700
800
0
900
Parallel
connection
total
Break
Break
Forward
Forward
Reverse
Reverse
Break
Forward/Reverse
Standby


Número de pieza similar - LB1836M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results

Descripción similar - LB1836M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1638 SANYO-LB1638 Datasheet
57Kb / 4P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com