Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS86252 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS86252
Descripción Electrónicos  N-Channel Power Trench짰 MOSFET 150 V, 4.5 A, 55 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS86252 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS86252 Datasheet HTML 1Page - Fairchild Semiconductor FDS86252 Datasheet HTML 2Page - Fairchild Semiconductor FDS86252 Datasheet HTML 3Page - Fairchild Semiconductor FDS86252 Datasheet HTML 4Page - Fairchild Semiconductor FDS86252 Datasheet HTML 5Page - Fairchild Semiconductor FDS86252 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2011 Fairchild Semiconductor Corporation
FDS86252 Rev. C
Figure 7.
0
2
468
10
12
0
2
4
6
8
10
ID = 4.5 A
VDD = 75 V
VDD = 50 V
Qg, GATE CHARGE (nC)
VDD = 100 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
1
2
4
6
8
10
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
1
2
3
4
5
VGS = 6 V
RθJA = 50
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11.
0.1
1
10
100
500
0.005
0.01
0.1
1
10
30
10 s
100us
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Número de pieza similar - FDS86252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDS86242 FAIRCHILD-FDS86242 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS86242 VBSEMI-FDS86242 Datasheet
990Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Descripción similar - FDS86252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC86244 FAIRCHILD-FDC86244 Datasheet
301Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 2.3 A, 144 m廓
FDMC86244 FAIRCHILD-FDMC86244 Datasheet
324Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 9.4 A, 134 m廓
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
FDT86246 FAIRCHILD-FDT86246 Datasheet
232Kb / 6P
   N-Channel Power Trench짰 MOSFET 150 V, 2 A, 236 m廓
FDMC86248 FAIRCHILD-FDMC86248 Datasheet
262Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 13 A, 90 m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
FDMS86102LZ FAIRCHILD-FDMS86102LZ Datasheet
306Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 22 A, 25 m廓
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com