Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCX032AK Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza LCX032AK
Descripción Electrónicos  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032AK Datasheet(HTML) 6 Page - Sony Corporation

Back Button LCX032AK Datasheet HTML 2Page - Sony Corporation LCX032AK Datasheet HTML 3Page - Sony Corporation LCX032AK Datasheet HTML 4Page - Sony Corporation LCX032AK Datasheet HTML 5Page - Sony Corporation LCX032AK Datasheet HTML 6Page - Sony Corporation LCX032AK Datasheet HTML 7Page - Sony Corporation LCX032AK Datasheet HTML 8Page - Sony Corporation LCX032AK Datasheet HTML 9Page - Sony Corporation LCX032AK Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
– 6 –
LCX032AK
Input Signals
1. Input signal voltage conditions (VSS = 0V, VDD = 11.4 to 14V)
Item
H driver input voltage
(HST, HCK1, HCK2, RGT, STB)
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VCOM
–0.35
2.6
–0.35
2.6
VVC – 0.45
0.0
5.0
0.0
5.0
VVC – 0.3
0.35
5.5
0.35
5.5
VVC – 0.15
V
V
V
V
V
V driver input voltage
(VST, VCK1, VCK2, DWN, EN)
Common voltage of panel
Symbol
Min.
Typ.
Max.
Unit
Note) Video signal shall be symmetrical to video signal center voltage VVC.
Supplement1) Video signal input range is set within the range shown below for VDD and VSS.
Also, video signal white level is defined for VVC as shown below.
Item
Video signal input range
Video signal input white level
Vsig
VsigL
VSS + 1.3
0.5
VDD – 1.8
V
V
Symbol
Min.
Typ.
Max.
Unit
VsigL
White level
VsigL
Video signal input range
Max. VDD – 1.8 [V]
Min. VSS + 1.3 [V]
VDD
VDD – 1.8
VVC
VSS + 1.3
VSS
Supplement2) When power save mode is used, use video signal and COM pin within the condition ±0.15V to
prevent DC applying to LCD.


Número de pieza similar - LCX032AK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

Descripción similar - LCX032AK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com