Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCX037BLT Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza LCX037BLT
Descripción Electrónicos  3.4cm (1.35 Type) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX037BLT Datasheet(HTML) 5 Page - Sony Corporation

  LCX037BLT Datasheet HTML 1Page - Sony Corporation LCX037BLT Datasheet HTML 2Page - Sony Corporation LCX037BLT Datasheet HTML 3Page - Sony Corporation LCX037BLT Datasheet HTML 4Page - Sony Corporation LCX037BLT Datasheet HTML 5Page - Sony Corporation LCX037BLT Datasheet HTML 6Page - Sony Corporation LCX037BLT Datasheet HTML 7Page - Sony Corporation LCX037BLT Datasheet HTML 8Page - Sony Corporation LCX037BLT Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
LCX037BLT
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supplies. In addition,
protective resistors are added to all pins except the video signal inputs. All pins are connected to VSS with a
high resistor of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (Resistance value: typ.)
Input
LC
Level conversion circuit
(single-phase input)
2.5k
2.5k
VVDD
Input
Level conversion circuit
(single-phase input)
250
250
HVDD
Input
Level conversion circuit
(single-phase input)
2.5k
2.5k
HVDD
Input
HVDD
250
250
250
250
Level conversion circuit
(2-phase input)
Input
HVDD
Signal line
(1) VSIG1 to VSIG12, PSIG
(2) HCK1, HCK2
(3) RGT
(4) HST
(5) PST, VCK
(6) VST, ENB, DWN
(7) VCOM, COML, COMR
1M
Input
1M
1M
1M
Level conversion circuit
(single-phase input)
250
250
VVDD
Input
1M
1M
1M
VVDD
1M
Input
1M
(8) HVDD, VSSG, VVDD
are all Vss.
Level conversion circuit
(2-phase input)


Número de pieza similar - LCX037BLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
More results

Descripción similar - LCX037BLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com