Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLD105VL Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza SLD105VL
Descripción Electrónicos  GaAlAs Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD105VL Datasheet(HTML) 4 Page - Sony Corporation

  SLD105VL Datasheet HTML 1Page - Sony Corporation SLD105VL Datasheet HTML 2Page - Sony Corporation SLD105VL Datasheet HTML 3Page - Sony Corporation SLD105VL Datasheet HTML 4Page - Sony Corporation SLD105VL Datasheet HTML 5Page - Sony Corporation SLD105VL Datasheet HTML 6Page - Sony Corporation SLD105VL Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
—4—
SLD105VL
Optical power output dependence of far field pattern
(Perpendicular to junction)
–30
0
30
Temperature dependence of far field pattern
(Perpendicular to junction)
Temperature dependence of far field pattern
(Parallel to junction)
Optical power output dependence of far field pattern
(Parallel to junction)
–30
0
30
Angle (degree)
–30
0
30
Angle (degree)
PO=3mW
PO=3mW
–30
0
30
Angle (degree)
Angle (degree)
PO=5mW
PO=4mW
PO=3mW
PO=2mW
PO=5mW
PO=4mW
PO=3mW
PO=2mW
Tc=60°C
Tc=50°C
Tc=40°C
Tc=30°C
Tc=20°C
Tc=60°C
Tc=50°C
Tc=40°C
Tc=30°C
Tc=20°C


Número de pieza similar - SLD105VL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD105UL SONY-SLD105UL Datasheet
112Kb / 6P
   GaAlAs Laser Diode
More results

Descripción similar - SLD105VL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
   GaAlAs Laser Diode
logo
Opnext. Inc.
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
logo
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
logo
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
   GaAlAs Laser Diode
logo
Opnext. Inc.
HL8325G OPNEXT-HL8325G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com