Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLD1132VS Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza SLD1132VS
Descripción Electrónicos  635nm Red Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1132VS Datasheet(HTML) 6 Page - Sony Corporation

  SLD1132VS Datasheet HTML 1Page - Sony Corporation SLD1132VS Datasheet HTML 2Page - Sony Corporation SLD1132VS Datasheet HTML 3Page - Sony Corporation SLD1132VS Datasheet HTML 4Page - Sony Corporation SLD1132VS Datasheet HTML 5Page - Sony Corporation SLD1132VS Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
– 6 –
SLD1132VS
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
Reference
Slot
1.0
0.5
φ5.6 – 0.025
0
φ4.4 MAX
φ3.7 MAX
φ1.0 MIN
0.5 MIN
Window Glass
Reference
Plane
LD Chip
& Photo
Diode
2 3 1
3 –
φ0.45
PCD
φ2.0
∗Optical
Distance = 1.35 ± 0.08
1
2
3
M-274
PACKAGE WEIGHT
0.3g
M-274


Número de pieza similar - SLD1132VS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1134VL SONY-SLD1134VL Datasheet
260Kb / 6P
   650nm Pulsation Red Laser Diode
More results

Descripción similar - SLD1132VS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RLD63NZC5 ROHM-RLD63NZC5 Datasheet
419Kb / 4P
   635nm Pure Red Laser Diode
RLD63NPC6 ROHM-RLD63NPC6 Datasheet
1Mb / 9P
   635nm Red Single Mode Laser Diode
RLD63NPC8 ROHM-RLD63NPC8 Datasheet
1Mb / 9P
   635nm Red Single Mode Laser Diode
RLD63NPC5 ROHM-RLD63NPC5 Datasheet
717Kb / 9P
   635nm Red Single Mode Laser Diode
RLD63PZCA ROHM-RLD63PZCA Datasheet
1Mb / 10P
   635nm Red Single Mode Laser Diode
RLD63NPC7 ROHM-RLD63NPC7 Datasheet
1Mb / 9P
   635nm Red Single Mode Laser Diode
logo
Roithner LaserTechnik G...
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
   635nm Diode Laser Module
LM-103-C004 ROITHNER-LM-103-C004 Datasheet
112Kb / 2P
   635nm Diode Laser Module
RLT635 ROITHNER-RLT635 Datasheet
195Kb / 4P
   635nm High Power Laser Diode
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
   635nm High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com