Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD6816CX4-12P Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza LD6816CX4-12P
Descripción Electrónicos  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6816CX4-12P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LD6816CX4-12P Datasheet HTML 3Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 4Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 5Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 6Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 7Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 8Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 9Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 10Page - NXP Semiconductors LD6816CX4-12P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Standard linear brochure
DFN1212-6
DFN1410-6
WLCSP-4
Package options
3
4
5
6
8
Pins
High performance in ultra small packages
` Ultra-small package
` Ultra-low-dropout performance
` 150, 200, and 300 mA output current available
` Very good noise performance
` Very low quiescent current
` Thermal shutdown and overcurrent protection
` 0.4 mm pitch and high power dissipation
4-ball WLCSP package
0.47mm
0.76 mm
0.76 mm
Ultra small wafer-level chipscale package
LD68x6 series with ultra small WLCSP package and ultra low-dropout performance
DFN1612-8
DFN1010C-4
SOT223
SOT23
SOT753 (SOT23-5)
WLCSP-6


Número de pieza similar - LD6816CX4-12P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leadtrend Technology
LD6801 LEADTREND-LD6801 Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
LD6801GL LEADTREND-LD6801GL Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806CX4 PHILIPS-LD6806CX4 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806F PHILIPS-LD6806F Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
More results

Descripción similar - LD6816CX4-12P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com