Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD6806CX4-36H Datasheet(PDF) 10 Page - NXP Semiconductors |
|
LD6806CX4-36H Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 24 page 10 Standard linear brochure Package WLCSP4 SOT753 Size (mm) 0.76 × 0.76 × 0.47 2.9 x 1.5 x 1.0 P tot @ °C (mW) 770 800 V IN (V) I OUT typ (mA) Quiescent current (μA) V do drop @ 300 mA typ (mV) Output noise typ (μVrms) PSRR @ 1 kHz dB Output voltage V* LD6836CX4/xxH High ohmic output stage LD6836CX4/xxP Pull down output stage LD6836TD/xxH High ohmic output stage LD6836TD/xxP Pull down output stage 2.3 - 5.5 300 70 90 30 55 1.2 LD6836CX4/12H LD6836CX4/12P LD6836TD/12H LD6836TD/12P 1.3 LD6836CX4/13H LD6836CX4/13P LD6836TD/13H LD6836TD/13P 1.4 LD6836CX4/14H LD6836CX4/14P LD6836TD/14H LD6836TD/14P 1.5 LD6836CX4/15H LD6836CX4/15P LD6836TD/15H LD6836TD/15P 1.6 LD6836CX4/16H LD6836CX4/16P LD6836TD/16H LD6836TD/16P 1.8 LD6836CX4/18H LD6836CX4/18P LD6836TD/18H LD6836TD/18P 2.0 LD6836CX4/20H LD6836CX4/20P LD6836TD/20H LD6836TD/20P 2.1 LD6836CX4/21H LD6836CX4/21P LD6836TD/21H LD6836TD/21P 2.2 LD6836CX4/22H LD6836CX4/22P LD6836TD/22H LD6836TD/22P 2.3 LD6836CX4/23H LD6836CX4/23P LD6836TD/23H LD6836TD/23P 2.5 LD6836CX4/25H LD6836CX4/25P LD6836TD/25H LD6836TD/25P 2.7 LD6836CX4/27H LD6836CX4/27P LD6836TD/27H LD6836TD/27P 2.8 LD6836CX4/28H LD6836CX4/28P LD6836TD/28H LD6836TD/28P 2.9 LD6836CX4/29H LD6836CX4/29P LD6836TD/29H LD6836TD/29P 3.0 LD6836CX4/30H LD6836CX4/30P LD6836TD/30H LD6836TD/30P 3.3 LD6836CX4/33H LD6836CX4/33P LD6836TD/33H LD6836TD/33P 3.6 LD6836CX4/36H LD6836CX4/36P LD6836TD/36H LD6836TD/36P * Other output voltages are available on request LD6836 ultra low-dropout voltage regulators – 300 mA Key features ` Ultra low-dropout voltage (90 mV @ 300 mA) ` Very low output noise (30 µVrms) ` Thermal shutdown protection and current limiter Key benefits ` Very small WLCSP package ` Very low standby and supply current for battery-powered solutions ` No additional noise bypass capacitor needed Key applications ` Mobile phones, PC tablets, DSCs (digital still cameras), video cameras, game pads, notebooks, netbooks, ultrabooks Functional diagram: High-ohmic output Functional diagram: Auto-discharge (pull-down) Remark: Version with high-ohmic output during disable (e.g. LD6836CX4/12H) Remark: Version with auto-discharge during disable (e.g. LD6836CX4/12P) SOT753 general purpose package General purpose package SOT753 (SOT23-5 footprint) Dimensions of only 2.9 x 1.5 x 1.0 mm Very high power dissipation of 800 mW |
Número de pieza similar - LD6806CX4-36H |
|
Descripción similar - LD6806CX4-36H |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |