Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD6806TD-36H Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza LD6806TD-36H
Descripción Electrónicos  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6806TD-36H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LD6806TD-36H Datasheet HTML 2Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 3Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 4Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 5Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 6Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 7Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 8Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 9Page - NXP Semiconductors LD6806TD-36H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Standard linear brochure
Application boards
Single-channel LDOs
Dual-channel LDOs
6 MHz DC/DC Step-Down Converter
Features
` 
Small leadless DFN & CSP packages
` 
Three different output voltages on
the board
` 
EN jumper for EN-Pin
` 
With auto-discharge (pull-down) or
high-ohmic when disabled
` 
Layout available
` 
Supply voltage range:
1.75 to 5.5 V
Products & packages
` 
LD6915LX
DFN1212-6 (SOT1229)
` 
LD6935L
DFN1612-8 (SOT1225)
` 
LD6938CX6
WLCSP6
Features
` 
Three different mode versions:
(1) operation mode select
(2) output voltage select
(3) XSHUTDOWN/Power Good
` 
Three different output voltages
` 
Two different output currents
` 
Board includes choke & capacitors
` 
EN jumper and Mode jumper
` 
Supply voltage range:
2.3 to 5.5 V
Products & packages
` 
DC6M603X6 (XSHUTDOWN)
650 mA output current
` 
DC6M602X6 (Voltage select)
650 mA output current
` 
DC6M401X6 (Mode Select)
425 mA output current
` 
Package:
WLCSP-6
1.36 x 0.96 x 0.47 mm
Features
` 
Three package types available:
CSP, leadless DFN, leaded
` 
Three different output voltages on
the board
` 
Application-level design includes
capacitors
` 
EN jumper for EN-Pin
` 
Layout available
` 
Supply voltage range:
2.3 to 5.5 V
Products & packages
` 
LD6806TD
SOT753 (SOT23-5)
` 
LD6806F
DFN1410-6 (SOT886)
` 
LD6806CX4
WLCSP-4
` 
LD6805K
DFN1010C-4
(SOT1194)


Número de pieza similar - LD6806TD-36H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LD6806TD PHILIPS-LD6806TD Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
More results

Descripción similar - LD6806TD-36H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com