Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ73A Datasheet(PDF) 1 Page - Comset Semiconductor

No. de pieza BUZ73A
Descripción Electrónicos  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ73A Datasheet(HTML) 1 Page - Comset Semiconductor

  BUZ73A Datasheet HTML 1Page - Comset Semiconductor BUZ73A Datasheet HTML 2Page - Comset Semiconductor BUZ73A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BUZ73A
01/10/2012
COMSET SEMICONDUCTORS
1/3
SEMICONDUCTORS
N CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
FEATURE
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VDS
Drain-Source Voltage
200
V
VSD
Drain-Source diode Voltage
<1.7
V
IDS
Continuous Drain Current TC= 37°C
5.5
A
IDM
Pulsed Drain Current TC= 25°C
22
A
VGS
Gate-Source Voltage
20
V
RDS(on)
Drain-Source on Resistance
0.6
PT
Power Dissipation at Case Temperature TC= 25°C
40
Watts
tJ
Operating Temperature
-55 to +150
°C
tstg
Storage Temperature range
-55 to +150
tL
Lead Temperature 1.6 mm from case for 10 seconde
300
This is an N-channel enhancement mode silicon gate
power field effect transistor designed for applications such
as switching regulators, switching converters, motor
drivers, relay drivers, and drivers for high power bipolar
switching transistors requiring high speed and low gate
drive power.
This type can be operated directly from integrated circuits
and housed in a TO-220 envelope.


Número de pieza similar - BUZ73A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ73A SIEMENS-BUZ73A Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ73A INFINEON-BUZ73A Datasheet
86Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ73A INFINEON-BUZ73A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.4 2009-11-10
logo
Inchange Semiconductor ...
BUZ73A ISC-BUZ73A Datasheet
66Kb / 2P
   Fast Switching Speed
More results

Descripción similar - BUZ73A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
   N-channel enhancement mode power mos transistors
June 1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP491 STMICROELECTRONICS-SGSP491 Datasheet
171Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com