Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z0107MA Datasheet(PDF) 5 Page - Apollo Electron Co., Ltd.

No. de pieza Z0107MA
Descripción Electrónicos  Sensitive Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Página de inicio  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

Z0107MA Datasheet(HTML) 5 Page - Apollo Electron Co., Ltd.

  Z0107MA Datasheet HTML 1Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 2Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 3Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 4Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 5Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.2
0.165
B
3.7
0.146
C
4.43
4.83
0.174
0.190
D
14.07
14.87
0.554
0.585
E
0.4
0.016
F
4.43
4.83
0.174
0.190
G
0.45
0.017
H2.54
0.100
I2.54
0.100
J
0.33
0.48
0.013
0.019
TN1A80
5/6
TO-92 Package Dimension
1. T1
2. Gate
3. T2
A
B
C
G
E
F
D
H
J
1
2
3
I


Número de pieza similar - Z0107MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Descripción similar - Z0107MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Apollo Electron Co., Lt...
TN1A60 APOLLOELECTRON-TN1A60 Datasheet
1Mb / 5P
   Sensitive Triac
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com