Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W78E52B Datasheet(PDF) 4 Page - Winbond

No. de pieza W78E52B
Descripción Electrónicos  8-BIT MTP MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond

W78E52B Datasheet(HTML) 4 Page - Winbond

  W78E52B Datasheet HTML 1Page - Winbond W78E52B Datasheet HTML 2Page - Winbond W78E52B Datasheet HTML 3Page - Winbond W78E52B Datasheet HTML 4Page - Winbond W78E52B Datasheet HTML 5Page - Winbond W78E52B Datasheet HTML 6Page - Winbond W78E52B Datasheet HTML 7Page - Winbond W78E52B Datasheet HTML 8Page - Winbond W78E52B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Preliminary W78E52B
- 4 -
BLOCK DIAGRAM
P3.0
~
P3.7
P1.0
~
P1.7
ALU
Port 0
Latch
Port 1
Latch
Timer
1
Timer
0
Timer
2
Port
1
UART
XTAL1
PSEN
ALE
Vss
Vcc
RST
XTAL2
Oscillator
Interrupt
PSW
Instruction
Decoder
&
Sequencer
Reset Block
Bus & Clock
Controller
SFR RAM
Address
Power control
256 bytes
RAM & SFR
Stack
Pointer
B
Addr. Reg.
Incrementor
PC
DPTR
Temp Reg.
T2
T1
ACC
Port 3
Latch
Port 4
Latch
Port
3
Port 2
Latch
P4.0
~
P4.3
Port
4
Port
0
Port
2
P2.0
~
P2.7
P0.0
~
P0.7
INT2
INT3
Watchdog
Timer
ROM
FUNCTIONAL DESCRIPTION
The W78E52B architecture consists of a core controller surrounded by various registers, five general
purpose I/O ports, 256 bytes of RAM, three timer/counters, and a serial port. The processor supports
111 different opcodes and references both a 64K program address space and a 64K data storage
space.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0,
TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide
control functions for timers 0 and 1. The T2CON register provides control functions for Timer 2.
RCAP2H and RCAP2L are used as reload/capture registers for Timer 2.


Número de pieza similar - W78E52B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E52C WINBOND-W78E52C Datasheet
299Kb / 22P
   8-BIT MICROCONTROLLER
W78E52C WINBOND-W78E52C Datasheet
223Kb / 22P
   8-BIT MICROCONTROLLER
W78E52C WINBOND-W78E52C_06 Datasheet
223Kb / 22P
   8-BIT MICROCONTROLLER
More results

Descripción similar - W78E52B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com