Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24CL16B Datasheet(PDF) 8 Page - Cypress Semiconductor

No. de pieza FM24CL16B
Descripción Electrónicos  16Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL16B Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FM24CL16B Datasheet HTML 4Page - Cypress Semiconductor FM24CL16B Datasheet HTML 5Page - Cypress Semiconductor FM24CL16B Datasheet HTML 6Page - Cypress Semiconductor FM24CL16B Datasheet HTML 7Page - Cypress Semiconductor FM24CL16B Datasheet HTML 8Page - Cypress Semiconductor FM24CL16B Datasheet HTML 9Page - Cypress Semiconductor FM24CL16B Datasheet HTML 10Page - Cypress Semiconductor FM24CL16B Datasheet HTML 11Page - Cypress Semiconductor FM24CL16B Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM24CL16B - 16Kb 3V I2C F-RAM
Rev. 3.0
Jan. 2012
Page 8 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V *
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-1
* Exception: The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD =2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.7
3.3
3.65
V
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 400 kHz
@ SCL = 1 MHz
100
170
300
A
A
A
1
ISB
Standby Current
3
6
A
2
ILI
Input Leakage Current
±1
A
3
ILO
Output Leakage Current
±1
A
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOL
Output Low Voltage
@ IOL = 3.0 mA
0.4
V
RIN
WP Input Resistance (WP)
For VIN = VIL (max)
For VIN = VIH (min)
40
1
K
M
5
VHYS
Input Hysteresis (Does not apply to WP)
0.05 VDD
V
4
Notes
1.
SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued.
3.
VIN or VOUT = VSS to VDD. Does not apply to the WP pin.
4.
This parameter is characterized but not tested.
5.
The input pull-down circuit is strong (40K) when the input voltage is below VIL and much weaker (1M)
when the input voltage is above VIH.


Número de pieza similar - FM24CL16B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM24CL16B-DG RAMTRON-FM24CL16B-DG Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DG CYPRESS-FM24CL16B-DG Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-DGTR RAMTRON-FM24CL16B-DGTR Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DGTR CYPRESS-FM24CL16B-DGTR Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM24CL16B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com