Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24CL64B-G Datasheet(PDF) 5 Page - Cypress Semiconductor

No. de pieza FM24CL64B-G
Descripción Electrónicos  64Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL64B-G Datasheet(HTML) 5 Page - Cypress Semiconductor

  FM24CL64B-G Datasheet HTML 1Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 2Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 3Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 4Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 5Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 6Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 7Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 8Page - Cypress Semiconductor FM24CL64B-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM24CL64B
Rev. 3.0
Jan. 2012
Page 5 of 13
Figure 4. Slave Address
Addressing Overview
After the FM24CL64B (as receiver) acknowledges
the device address, the master can place the memory
address on the bus for a write operation. The address
requires two bytes. The first is the MSB. Since the
device uses only 13 address bits, the value of the
upper three bits are “don’t care”. Following the MSB
is the LSB with the remaining eight address bits. The
address value is latched internally. Each access
causes the latched address value to be incremented
automatically. The current address is the value that is
held in the latch -- either a newly written value or the
address following the last access. The current address
will be held for as long as power remains or until a
new value is written. Reads always use the current
address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
acknowledge,
the
FM24CL64B
increments
the
internal address latch. This allows the next sequential
byte to be accessed with no additional addressing.
After the last address (1FFFh) is reached, the address
latch will roll over to 0000h. There is no limit to the
number of bytes that can be accessed with a single
read or write operation.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM24CL64B can begin. For a read operation the
FM24CL64B will place 8 data bits on the bus then
wait for an acknowledge from the master. If the
acknowledge occurs, the FM24CL64B will transfer
the next sequential byte. If the acknowledge is not
sent, the FM24CL64B will end the read operation.
For a write operation, the FM24CL64B will accept 8
data bits from the master then send an acknowledge.
All data transfer occurs MSB (most significant bit)
first.
Memory Operation
The FM24CL64B is designed to operate in a manner
very similar to other 2-wire interface memory
products. The major differences result from the
higher performance write capability of F-RAM
technology. These improvements result in some
differences between the FM24CL64B and a similar
configuration
EEPROM
during
writes.
The
complete operation for both writes and reads is
explained below.
Write Operation
All writes begin with a device address, then a
memory address. The bus master indicates a write
operation by setting the LSB of the device address
to a 0. After addressing, the bus master sends each
byte of data to the memory and the memory
generates an acknowledge condition. Any number of
sequential bytes may be written. If the end of the
address range is reached internally, the address
counter will wrap from 1FFFh to 0000h.
Unlike other nonvolatile memory technologies,
there is no effective write delay with F-RAM. Since
the read and write access times of the underlying
memory are the same, the user experiences no delay
through the bus. The entire memory cycle occurs in
less time than a single bus clock. Therefore, any
operation including read
or
write
can occur
immediately
following
a
write.
Acknowledge
polling, a technique used with EEPROMs to
determine if a write is complete is unnecessary and
will always return a ready condition.
Internally, an actual memory write occurs after the
8
th data bit is transferred. It will be complete before
the acknowledge is sent. Therefore, if the user
desires to abort a write without altering the memory
contents, this should be done using start or stop
condition prior to the 8
th data bit. The FM24CL64B
uses no page buffering.
The memory array can be write protected using the
WP pin. Setting the WP pin to a high condition
(VDD)
will
write-protect
all
addresses.
The
FM24CL64B will not acknowledge data bytes that
are written to protected addresses. In addition, the
address counter will not increment if writes are
attempted to these addresses. Setting WP to a low
state (VSS) will deactivate this feature. WP is pulled
down internally.
Figure 5 below illustrates both a single-byte and
multiple-byte write cycles.
1
0
1
0
A2
R/W
Slave ID
7
6
5
4
3
2
1
0
A1
A0
Device Select


Número de pieza similar - FM24CL64B-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24CL64B-GA RAMTRON-FM24CL64B-GA Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B-GATR RAMTRON-FM24CL64B-GATR Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM24CL64B-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com