Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24V02-GTR Datasheet(PDF) 2 Page - Cypress Semiconductor

No. de pieza FM24V02-GTR
Descripción Electrónicos  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02-GTR Datasheet(HTML) 2 Page - Cypress Semiconductor

  FM24V02-GTR Datasheet HTML 1Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24V02-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 2 of 16
Address
Latch
4K x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Device ID and
Serial Number
8
Figure 1. FM24V02 Block Diagram
Pin Description
Pin Name
Type
Pin Description
A0-A2
Input
Device Select Address 0-2: These pins are used to select one of up to 8 devices of
the same type on the same two-wire bus. To select the device, the address value on
the two pins must match the corresponding bits contained in the slave address. The
address pins are pulled down internally.
SDA
I/O
Serial Data/Address: This is a bi-directional pin for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. An external pull-up resistor is
required.
SCL
Input
Serial Clock: The serial clock pin for the two-wire interface. Data is clocked out of
the part on the falling edge, and into the device on the rising edge. The SCL input
also incorporates a Schmitt trigger input for noise immunity.
WP
Input
Write Protect: When tied to VDD, addresses in the entire memory map will be write-
protected. When WP is connected to ground, all addresses may be written. This pin
is pulled down internally.
VDD
Supply
Supply Voltage
VSS
Supply
Ground


Número de pieza similar - FM24V02-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM24V02-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com