Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25CL64B Datasheet(PDF) 11 Page - Cypress Semiconductor

No. de pieza FM25CL64B
Descripción Electrónicos  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25CL64B Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25CL64B Datasheet HTML 6Page - Cypress Semiconductor FM25CL64B Datasheet HTML 7Page - Cypress Semiconductor FM25CL64B Datasheet HTML 8Page - Cypress Semiconductor FM25CL64B Datasheet HTML 9Page - Cypress Semiconductor FM25CL64B Datasheet HTML 10Page - Cypress Semiconductor FM25CL64B Datasheet HTML 11Page - Cypress Semiconductor FM25CL64B Datasheet HTML 12Page - Cypress Semiconductor FM25CL64B Datasheet HTML 13Page - Cypress Semiconductor FM25CL64B Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 11 of 14
Serial Data Bus Timing
CS
SCK
SI
SO
1/tCK
tCL
tCH
tCSH
tODV
tOH
tOD
tCSU
tSU
tH
tD
tR
tF
/Hold Timing
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Power Cycle Timing (TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
10
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
30
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.


Número de pieza similar - FM25CL64B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-DG RAMTRON-FM25CL64B-DG Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DG CYPRESS-FM25CL64B-DG Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B-DGTR RAMTRON-FM25CL64B-DGTR Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DGTR CYPRESS-FM25CL64B-DGTR Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM25CL64B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com