Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744710215 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744710215
Descripción Electrónicos  WE-SD Rod Core Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744710215 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744710215 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744710215 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744710215 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744710215 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744710215 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-05-02
2009-06-30
DATE
SSt
SSt
RSt
BY
SSt
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SD Rod Core Choke
Order.- No.
744710215
SIZE
A4
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744710215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744710210 WURTH-744710210 Datasheet
676Kb / 5P
   WE-SD Rod Core Choke
More results

Descripción similar - 744710215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744710603 WURTH-744710603 Datasheet
672Kb / 5P
   WE-SD Rod Core Choke
744710605 WURTH-744710605 Datasheet
656Kb / 5P
   WE-SD Rod Core Choke
744710610 WURTH-744710610 Datasheet
663Kb / 5P
   WE-SD Rod Core Choke
744711003 WURTH-744711003 Datasheet
682Kb / 5P
   WE-SD Rod Core Choke
744710203 WURTH-744710203 Datasheet
630Kb / 5P
   WE-SD Rod Core Choke
744711010 WURTH-744711010 Datasheet
672Kb / 5P
   WE-SD Rod Core Choke
744711003 WURTH-744711003_14 Datasheet
685Kb / 5P
   WE-SD Rod Core Choke
744710605 WURTH-744710605_14 Datasheet
659Kb / 5P
   WE-SD Rod Core Choke
744711015 WURTH-744711015_14 Datasheet
694Kb / 5P
   WE-SD Rod Core Choke
744710210 WURTH-744710210 Datasheet
676Kb / 5P
   WE-SD Rod Core Choke
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com