Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16TW1T1 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

No. de pieza BAS16TW1T1
Descripción Electrónicos  SOT-363 Plastic-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLAS [WILLAS ELECTRONIC CORP]
Página de inicio  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS16TW1T1 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  BAS16TW1T1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS16TW1T1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS16TW1T1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Outline Drawing
Dimensions in inches and (millimeters)
SOT-363
Rev.D
.056(1.40)
.047(1.20)
.010(0.25)
.003(0.08)
.016(0.40)
.004(0.10)
.004(0.10)MAX.
.087(2.20)
.071(1.80)
.021(0.55)
.030(0.75)
2012-1
WILLAS ELECTRONIC CORP.
SOT-363 Plastic-Encapsulate Diodes
BAS16TW1T1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Número de pieza similar - BAS16TW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS16TW DIODES-BAS16TW Datasheet
55Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. C-1
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Diodes Incorporated
BAS16TW DIODES-BAS16TW Datasheet
354Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. 9 - 2
logo
Galaxy Semi-Conductor H...
BAS16TW BILIN-BAS16TW Datasheet
130Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
BAS16TW PANJIT-BAS16TW Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results

Descripción similar - BAS16TW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
BAS40TW DGNJDZ-BAS40TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
MMBD4448DW DGNJDZ-MMBD4448DW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS19AVD DGNJDZ-BAS19AVD Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
MMBD4448TW DGNJDZ-MMBD4448TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAT54ADW DGNJDZ-BAT54ADW Datasheet
946Kb / 5P
   SOT-363 Plastic-Encapsulate Diodes
BAS16TW DGNJDZ-BAS16TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
Bruckewell Technology L...
BAT54TW BWTECH-BAT54TW Datasheet
324Kb / 2P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAV70DW WILLAS-BAV70DW Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com