Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC72717PW Datasheet(PDF) 9 Page - Sanyo Semicon Device |
|
LC72717PW Datasheet(HTML) 9 Page - Sanyo Semicon Device |
9 / 26 page LC72717PW No.A2064-9/26 (4) Layer 4 CRC check circuit (CCB address FCh) This is a function to detect the error in the data group (Layer 4 CRC), transmitting the data group of specified number of bytes, via the CCB interface, to LSI. The CCB address is FCh. In this case, it is not necessary to send register address. The length of data group to be transmitted is on the 8-bit units. Here is not any upper limit (such as N pieces in the figure below) for the length of data to be transmitted at a time and data transmission can be divided into multiple times. (5) Register output (CCB address Fad) This is the dedicated register that can read only the status register (STAT) and block number register (BLNO) in LSI. To DI, the CCB address (Fad) is input. Data is output in order of the status register and the block number register. DO DO0 B0 B1 B2 B3 A0 A1 A2 A3 DO1 DO285 DO286 tCH tCL CE CL DI tSU tHD tEL tES DO287 DO2 tDDO tEH tDDO2 CE CL DI B0 B1 B2 B3 A0 A1 A2 A3 CR1 N-3 N-2 N-1 tCH tCL CRC4 pin output tSU tHD tEL tES tEH tCRC Output after transmission of N pieces Note: The number of Ns must be on the 8-bit units. CR0 CE CL DI DO ST0 B0 B1 B2 B3 A0 A1 A2 A3 ST1 BLN5 BLN6 tCH tCL tSU tHD tEL tES BLN7 ST2 tDDO tEH tDDO2 |
Número de pieza similar - LC72717PW |
|
Descripción similar - LC72717PW |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |