Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9004ISN16TP Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

No. de pieza TS9004ISN16TP
Descripción Electrónicos  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004ISN16TP Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS9004ISN16TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS9004
Page 2
TS9004DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V-, V+ to GND, GND to V-)......-0.3V, +12V
Voltage Inputs
(IN+, IN-)..............................................(V+ + 0.3V) to (V- - 0.3V)
Output Voltage
REF..................................................... (V+ + 0.3V) to (V- - 0.3V)
OUT ................................................(V+ + 0.3V) to (GND - 0.3V)
Input Current (IN+, IN-)...........................................................20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin SOIC (derate 8.7mW/°C above +70°C) ................696mW
Operating Temperature Ranges..............................-40°C to +85°C
Storage Temperature Range ................................-65°C to +150°C
Lead Temperature (soldering, 10s) .....................................+300°C
Output Current
REF…………………………………………………………….20mA
OUT………………………………………………………...….40mA
Output Short-
Circuit Duration (V+ ≤ 5.5V) ....................Continuous
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS9004ISN16TP
TS9004I
Tube
48
TS9004ISN16T
Tape
& Reel
2500
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Número de pieza similar - TS9004ISN16TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

Descripción similar - TS9004ISN16TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com